Part Number Hot Search : 
C74AC 01040 AM6071DC 32000 PA1313NL CXA1826Q EPM9560 P1602
Product Description
Full Text Search
 

To Download 5A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?? ? 50 --- 1000 v 5.0a siyu r general purpose plastic rectifier reverse voltage 50 to 1000 v forward current 5.0 a 1.0(25.4) min .375(9.5) .335(8.5) 1.0(25.4) min .220(5.6) .197(5.0) dia dia .052(1.3) .048(1.2) do-27 unit inch mm dachang electronics 5a05......5A10 5A10 1000 1000 700 300 5.0 -55 --- +150 v v v a a r ja i f(av) i fsm ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit operating junction and storage temperature range tj, tstg ??? repetitive peak reverse voltage ?? peak reverse voltage ??? non repetitive peak reverse voltage v rrm v rwm v rsm /w 15 5a8 800 800 560 5a6 600 600 420 5a4 400 400 280 5a2 200 200 140 5a1 100 100 70 5a05 50 50 49 ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. 1.1 10 150 v a pf i r cj ? i f = 5a ? ta= 25 unit symbols maximum forward voltage maximum reverse current type junction capacitance v f ? v r = 4.0v, f = 1mhz ta= 100 100 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. 5A10 5a8 5a6 5a4 5a2 5a1 5a05 features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 2 6 0 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ???rohs? lead and body according with rohs standard
5a05......5A10 siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0 255075100125150175 6.0 5.0 4.0 3.0 2.0 1.0 0 10mm 10mm 1 2 4 6 10 20 40 100 240 180 120 60 0 dachang electronics 0.01 0.1 1 10 100 0.4 0.6 0.8 t j = 25c 1.0 1.2 300


▲Up To Search▲   

 
Price & Availability of 5A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X